Part Number Hot Search : 
74LVC1 TK15414 57160 91X154K 015LC NUB611T TE010 MC451
Product Description
Full Text Search
 

To Download BAT86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
k, halfpage
M3D050
BAT86 Schottky barrier diode
Product specification Supersedes data of April 1992 1996 Mar 20
Philips Semiconductors
Product specification
Schottky barrier diode
FEATURES * Low forward voltage * Guard ring protected * Hermetically-sealed leaded glass package. APPLICATIONS * Ultra high-speed switching * Voltage clamping * Protection circuits * Blocking diodes. DESCRIPTION
BAT86
Planar Schottky barrier diode with an integrated protection ring against static discharges, encapsulated in a hermetically-sealed subminiature SOD68 (DO-34) package. The diode is suitable for mounting on a 2 E (5.08 mm) pitch.
k handbook, halfpage
a
MAM193
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR IF IF(AV) PARAMETER continuous reverse voltage continuous forward current average forward current CONDITIONS - - PCB mounting, lead length = 4 mm; - VRWM = 25 V; a = 1.57; = 0.5; Tamb = 50 C; see Fig.2 tp 1 s; 0.5 tp 10 ms - - -65 - -65 MIN. MAX. 50 200 200 V mA mA UNIT
IFRM IFSM Tstg Tj Tamb
repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature
500 5 +150 125 +125
mA A C C C
1996 Mar 20
2
Philips Semiconductors
Product specification
Schottky barrier diode
ELECTRICAL CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage see Fig.3 IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA IR trr reverse current reverse recovery time VR = 40V; see Fig.4; note 1 when switched from IF = 10 mA to IR = 10 mA; RL = 100 ; measured at IR = 1 mA; see Fig.6 f = 1 MHz; VR = 1 V; see Fig.5 300 380 450 600 900 5 4 CONDITIONS MAX.
BAT86
UNIT mV mV mV mV mV A ns
Cd Note
diode capacitance
8
pF
1. Pulsed test: tp = 300 s; = 0.02. THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Refer to SOD68 standard mounting conditions. PARAMETER thermal resistance from junction to ambient note 1 CONDITIONS VALUE 320 UNIT K/W
1996 Mar 20
3
Philips Semiconductors
Product specification
Schottky barrier diode
GRAPHICAL DATA
BAT86
MRA540
MSA892
250 handbook, halfpage I F(AV) (mA) 200
10 3 handbook, halfpage IF (mA) 10 2
(1) (2) (3)
150 10 100
(1) (2) (3)
1 50
0
0
50
100 Tamb ( C)
o
150
10 1
0
0.4
0.8
VF (V)
1.2
(1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig.3 Fig.2 Derating curve.
Forward current as a function of forward voltage; typical values.
MGC686
10 5 handbook, halfpage IR (nA) 10 4
MGC687
(1)
handbook, halfpage
12
Cd (pF) (2) 8
10 3 10 2
10 (3) 1 10 -1
4
0 0 10 20 30 40 VR (V) 50 0 10 20 30 40 VR (V) 50
(1) Tamb = 85 C. (2) Tamb = 25 C. (3) Tamb = -40 C.
f = 1 MHz.
Fig.4
Reverse current as a function of reverse voltage; typical values.
Fig.5
Diode capacitance as a function of reverse voltage; typical values.
1996 Mar 20
4
Philips Semiconductors
Product specification
Schottky barrier diode
BAT86
handbook, halfpage I
F
dI F dt
10% t Qr 90% IR tf
MRC129 - 1
Fig.6 Reverse recovery definitions.
1996 Mar 20
5
Philips Semiconductors
Product specification
Schottky barrier diode
PACKAGE OUTLINE
BAT86
handbook, full pagewidth
0.55 max 1.6 max 25.4 min 3.04 max 25.4 min
MSA212 - 1
Dimensions in mm. Cathode indicated by a coloured band. The diodes are type branded.
Fig.7 SOD68; (DO-34).
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Mar 20
6


▲Up To Search▲   

 
Price & Availability of BAT86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X